Part Number Hot Search : 
07910 PD70F 3890A 1601A MPY3864K V626ME01 BCM56304 C3083
Product Description
Full Text Search
 

To Download TA8233BHQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TA8233BHQ
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8233BHQ
30W BTL x 2ch Audio Power Amplifier
The thermal resistance j-T of TA8233BHQ package designed for low thermal resistance, has high efficiency of heat radiation. The temperature rise of chip can be reduced, and the influence from the degradation of the features due to the temperature rise at the high output can also be reduced. This stereo audio power IC, designed for car audio use, has two built-in channels to reduce the characteristic difference between L and R channels. It also contains output short detection circuit, output clip detection and various kind of protection.
Features
* High power : POUT (1) = 30W (typ.) / channel (VCC = 14.4V, f = 1kHz, THD = 10%, RL = 2) POUT (2) = 26W (typ.) / channel (VCC = 13.2V, f = 1kHz, THD = 10%, RL = 2) POUT (3) = 19W (typ.) / channel (VCC = 13.2V, f = 1kHz, THD = 10%, RL = 4) * * * * * * * * Low thermal resistance: j-T = 1.5C / W (infinite heat sink)
Weight: 9.8g (typ.)
Low distortion ratio: THD = 0.04% (typ.) (VCC = 13.2V, f = 1kHz, POUT = 1W, RL = 4, GV = 50dB) Low noise: VNO = 0.30mVrms (typ.) (VCC = 13.2V, RL = 4, GV = 50dB, Rg = 0, BW = 20Hz~20kHz) Built-in stand-by function : (with pin(4) set at low, power is turned off.) ISB = 1A (typ.) Built-in output clip detection circuit : (pin(1): Open collector (active low)) Built-in output short detection circuit : (pin(9): Open collector (active low)) Built-in various protection circuits : Thermal shut down, Over voltage, OutVCC short, OutGND short and Out-Out short. Operating supply voltage: VCC (opr) = 9~18V
1
2004-09-28
TA8233BHQ
Block Diagram
TA8233BHQ (GV = 50dB)
Caution And Application Method
1. Voltage gain adjustment
(description is made only on the single channel.)
This IC has the amplifier constructions as shown in Fig.1. The pre-amp (amp 1) is provided to the primary stage, and the input voltage is amplified by the flat amps, amp 3 and amp 4 of each channel through the phase amp (amp 2). Since the input offset is prevented by pre-amp when VCC is set to on, this circuit can remarkably reduce the pop noise.
2
2004-09-28
TA8233BHQ
The total closed loop gain GV of this IC can be obtained by expression below when the closed loop voltage gain of amp 1 is GV1.
G V1 = 20log R1 + (R f + R2) (dB)LLL (1) R f + R2
The closed loop voltage gain of power amp, amp 3 and amp 4 is fixed at GV3GV4 = 20dB. Therefore, the total closed circuit voltage gain GV is obtained through BTL connection by the expression as below. GV = GV1 + GV3 + 6 (dB).........(2) For example, when Rf = 0, GV is obtained by the expressions (1) and (2) as below. GV24 + 20 + 6 = 50dB The voltage gain is reduced when Rf is increased. (Fig.2) With the voltage gain reduced, since (1) the oscillation stability is reduced, and (2) the pop noise changes when VCC is set to on, refer to the items 3 and 4.
2. Stand-by SW function By means of controlling pin(4) (stand-by terminal) to high and low, the power supply can be set to on and off. The threshold voltage of pin(4) is set at 2.1V (3VBE), and the power supply current is about 1A (typ.) at the stand-by state. Control voltage of pin(4): V (SB)
Stand-By On Off Power Off On V (SB) (V) 0~2 3~VCC
Adjustage of stand-by SW (1) Since VCC can directly be controlled to on or off by the microcomputer, the switching relay can be omitted. (2) Since the control current is microscopic, the switching relay of small current capacity is satisfactory for switching
3
2004-09-28
TA8233BHQ
3. Preventive measure against oscillation For preventing the oscillation, it is advisable to use C4, the condenser of polyester film having small characteristic fluctuation of the temperature and the frequency. The condenser (C6) between input and GND is effective for preventing oscillation which is generated with a feedback signal from a output stage. The resistance R to be series applied to C4 is effective for phase correction of high frequency, and improves the oscillation allowance. (1) Voltage gain to be used (GV setting) (2) Capacity value of condenser (3) Kind of condenser (4) Layout of printed board In case of its use with the voltage gain GV reduced or with the feedback amount increased, care must be taken because the phase-inversion is caused by the high frequency resulting in making the oscillation liable generated. 4. Adjustment of output offset (when the power supply turn on) As this IC is constructed with DC circuit on the pre-amp stage, it is necessary to lower a input offset or output offset by agreement with the each leading edge time constant of the input voltage in the pre-amp stage and NF terminal voltage. Concretely, monitor the output DC voltage and vary the capacity value in input condenser and NF condenser (see Fig.4) (Reference) In case of setting the condition (GV = 40dB) with Rf = 470
4
2004-09-28
TA8233BHQ
5. Output clip detection function (pin(1)) The output clip detection terminal of pin(1) has the open collector output structure on chip as shown in Fig.5. In case that the output waveform is clipping, the clip detection circuit is operated and NPN Tr. is turned on. It is possible to improve the tone quality with the current of flowing into pin(1) and with controlling the volume, tone control circuit through L.P.F smoothing circuit as shown in Fig.5. In case of being unused this function, use this IC as open connection on pin(1). (Application)
5
2004-09-28
TA8233BHQ
6. Output to VCC, output to gnd short detection function (pin(9)) The output short detection terminal of pin(9) has open collector output structure on chip as shown in Fig.6. In unusual case that output terminal of power amp. Is condition of output to VCC or output to GND short, it is possible to protect all the system of apparatus as well as power IC protection. In case of being unused this function, use this IC as open-connection on pin(9). (Application)
7. Rapid ripple discharging circuit at the time of VCC off This circuit is effective in such a mode where the VCC and the stand-by terminals become high or low simultaneously; for instance, for a pop noise produced when the power is turned on or off repeatedly by operating the ignition key.
When VCC is off, this detection circuit detect VCC8V internally on IC. (1) The power stage bias circuit is cut. (2) pin(8): Ripple capacitor is rapidly discharged by turning Q3 on and then Q1 and Q2 on.
6
2004-09-28
TA8233BHQ
(Precaution 1) When the stand-by terminal was put to the low level after the ripple rapid discharging circuit was operated (VCC8V) at the time when VCC was turned off, a pop noise may be generated. Therefore, VCC which makes the stand-by terminal low shall be set at 8V or above so that (1) the stand-by terminal is put at the low level and (2) the ripple rapid discharging circuit is turned on when VCC is turned off (in order of (1) and (2)). An example of application is shown in Fig.9. (Precaution 2) If the falling time constant of the VCC line is large (the fall is gentle), the pop noise may become worse. In this case, it is possible to prevent the pop noise from becoming worse by reducing the ability of "ripple rapid discharging circuit at the time of VCC off" according to the increase of the capacity of ripple capacitor of pin(8). However, it shall be kept in mind that the time for turning the power on becomes longer as the result of this method.
8. External part list and description
Sym- bol C1 Recommended Value 4.7F Feature DC blocking Influence Smaller Than Larger Than Recommended Value Recommended Value Related to pop noise at VCCon. Related to pop noise at VCCon. C2 47F Feedback condenser Determination of low cut-off frequency 1 C2 = 2 fL R f
Time constant is small at VCCon or off. Made liable to oscillate. Time constant is large at VCCon or off. Oscillation allowance Refer to item 3.
Remarks Related to gain. Refer to item 4.
C3 C4 C5
220F 0.12F 1000F
Ripple reduction Oscillation prevention Ripple filter
For filtering power supply hum and ripple. Large at using AC rectified power supply. Small at using DC power supply. Oscillation allowance improved. Noise reduction Refer to item 3.
C6
1000pF
Oscillation prevention
7
2004-09-28
TA8233BHQ
Maximum Ratings (Ta = 25C)
Characteristic Peak supply voltage (0.2s) DC supply voltage Operating supply voltage Output current (peak) Power dissipation Operating temperature Storage temperature Symbol VCC (surge) VCC (DC) VCC (opr) IO (peak) PD Topr Tstg Rating 50 25 18 9 50 -30~85 -55~150 Unit V V V A W C C
Electrical Characteristics
(unless otherwise specified, VCC = 13.2V, RL = 4, f = 1kHz, Ta = 25C)
Characteristic Quiescent supply current Symbol ICCQ POUT (1) Output power POUT (2) POUT (3) Total harmonic distortion ratio Voltage gain Voltage gain ratio Output noise voltage Ripple rejection ratio Input resistance Output offset voltage Current at stand-by state Cross talk Pin(4) control voltage Pin(1) (clip DET) saturation voltage Pin(9) (short DET) saturation voltage THD GV GV VNO R.R. RIN Voffset ISB C.T. VSB Vsat (1) Vsat (9) Test Cir- cuit -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- VIN = 0 -- Rg = 600 VOUT = 0.775Vrms (0dBm) Stand-byoff (poweron) IC = 1mA IC = 1mA VIN = 0 VCC = 14.4V, RL = 2 THD = 10% RL = 2, THD = 10% THD = 10% POUT = 1W -- -- Rg = 0, BW = 20Hz~20kHz fripple = 100Hz, Rg = 600 -- Test Condition Min. -- -- 17 16 -- 48 -1.0 -- 40 -- -100 -- -- 2.5 -- -- Typ. 120 30 26 19 0.04 50 0 0.3 54 30 0 1 60 -- 100 100 Max. 250 -- -- -- 0.4 52 1.0 0.7 -- -- 100 10 -- VCC -- -- % dB dB mVrms dB k mV A dB V mV mV W Unit mA
Vsat (1), Vsat (9) Test Circuit
8
2004-09-28
TA8233BHQ
Test Circuit
TA8233BHQ (GV = 50dB)
9
2004-09-28
TA8233BHQ
10
2004-09-28
TA8233BHQ
11
2004-09-28
TA8233BHQ
12
2004-09-28
TA8233BHQ
Package Dimensions
Weight: 9.8g (typ.)
13
2004-09-28
TA8233BHQ
About solderability, following conditions were confirmed * Solderability (1) Use of Sn-63Pb solder Bath * solder bath temperature = 230C * dipping time = 5 seconds * the number of times = once * use of R-type flux (2) Use of Sn-3.0Ag-0.5Cu solder Bath * solder bath temperature = 245C * dipping time = 5 seconds * the number of times = once * use of R-type flux
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EBF
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations. * This product generates heat during normal operation. However, substandard performance or malfunction may cause the product and its peripherals to reach abnormally high temperatures. The product is often the final stage (the external output stage) of a circuit. Substandard performance or malfunction of the destination device to which the circuit supplies output may cause damage to the circuit or to the product.
14
2004-09-28


▲Up To Search▲   

 
Price & Availability of TA8233BHQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X